PART |
Description |
Maker |
51721-10012418AB 51721-10014011AALF 51721-10012016 |
514 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 571 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 496 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 416 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 339 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 323 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 412 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 393 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 329 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 409 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 370 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 434 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 466 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 594 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 310 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 550 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 340 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 317 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
|
M80-5T10422M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
15-91-3214 15-91-3073 15-91-2065 15-91-2255 15-91- |
SL SMT RA Hdr Tin 21Ckt 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 7Ckt 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.100 Pitch,SURFACE MOUNT Terminal 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 15 SAu 25Ckt 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr Tin 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr W/Pegs 30Au 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr Tin 9Ckt 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 3Ckt 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 6Ckt 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr /Pgs Tin 20Ckt 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr Tin 10Ckt 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Multipole Connector; Number of Contacts:5; Pitch Spacing:2.54mm; Gender:Header; Body Material:Polyester, Glass-filled; Contact Plating:Gold 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr W/PCB Pegs Tin 14Ckt 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SL SMT RA Hdr PCB Pgs 30 SAu 14Ckt 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30Au 5Ckt T&R 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 15 SAu 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SL RA SMT Hdr TPg 30 SAu 15Ckt SL SMT RA Hdr 15 SAu 18Ckt HDR SMD 6 PIN WIRE TO BOARD SHROUDED SL SMT RA Hdr Tin 5Ckt Multipole Connector; Number of Contacts:3; Pitch Spacing:2.54mm; Gender:Header; Body Material:Polyester, Glass-filled; Contact Plating:Gold
|
Molex, Inc. PRECI-DIP SA MOLEX INC
|
M80-5L22022M1-02-334-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 20 x 4.5mm PC Tail signal contacts, 4 x 5mm PC Tail Power contacts 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
10-89-7562 10-89-7560 10-89-7561 10-89-7060 10-89- |
CGrid VT Bkwy Hdr 15 SAu 56Ckt (240/110) 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 56Ckt (240/110) 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 56Ckt (240/110) 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 6Ckt (240/110) 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER STRIP 30X2 STRT, & 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 76Ckt (240/110) 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.100 Pitch,PC TAIL Terminal 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 38Ckt (240/110) 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Multipole Connector; Pitch Spacing:2.54mm; Gender:Header; Body Material:Polyester, Glass-filled 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 28Ckt (240/110) 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 62Ckt (240/110) 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 62Ckt (240/110) 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 18Ckt (240/110) 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 48Ckt (240/110) 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 22Ckt (240/110) 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 36Ckt (240/110) 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 46Ckt (240/110) 46 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10897341 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 38Ckt (240/110) 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 62Ckt (240/110) 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER, 12-PIN, DUAL ROW, OPEN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 74Ckt (240/110) 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 58Ckt (240/110) 58 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 52Ckt (240/110) 52 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10897720 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONNECTOR HEADER 2X16 THRU-HOLE Multipole Connector; Number of Contacts:30; Pitch Spacing:2.54mm; Number of Rows:2; Gender:Header; Series:70280; Body Material:Polyester, Glass-filled; Contact Plating:Gold; Mounting Type:Straight PCB Thru Hole CGrid VT Bkwy Hdr 15 SAu 36Ckt (240/110) CGrid VT Bkwy Hdr Tin 36Ckt (240/110)
|
Molex, Inc. MOLEX INC
|
09-65-2048 09-65-2068 09-65-2058 09-65-2028 09-65- |
Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.156 Pitch,PC TAIL Terminal 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.156 Pitch,PC TAIL Terminal RoHS Compliant: Yes 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,5 Contacts,PIN,0.156 Pitch,PC TAIL Terminal RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 2POS 3.96MM VERT TIN 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 11CKT 3.96MM WAFER W/LOCK 527311A 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12CKT 3.96MM WAFER W/LOCK 527312A 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
15-29-7014 15-29-7248 15-42-7224 15-42-7022 15-42- |
Header; Number of Contacts:14; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerB 15 SAu 48Ckt 48 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerB Tin 24Ckt 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerA Tin 22Ckt 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONNECTOR RT ANG 26POS 26 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerB 30 SAu 38Ckt 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerA 15 SAu 20Ckt 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerB 15 SAu 18Ckt 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerA 15 SAu 44Ckt 44 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerA 30 SAu 28Ckt 28 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerB 30 SAu 12Ckt 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerB 30 SAu 56Ckt 56 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerA 30 SAu 50Ckt 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerA 30 SAu 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerB Tin 12Ckt 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerB 30 SAu 32Ckt 32 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerB 30 SAu 42Ckt 42 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid RA Shrd Hdr VerA Tin 6Ckt CGrid RA Shrd Hdr VerB 15 SAu 24Ckt CGrid RA Shrd Hdr VerA Tin 16Ckt CGrid RA Shrd Hdr VerA 30 SAu 12Ckt
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
M80-5T204M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
22-05-3051 22-05-3221 22-05-3211 22-05-3171 22-12- |
Pin Header; No. of Contacts:5; Pitch Spacing:2.54mm; No. of Rows:1; Gender:Header; Body Material:PA Polyamide (Nylon); Terminal Type:Right Angle PCB Thru Hole RoHS Compliant: Yes 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 22 CKT TIN 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 21 CKT TIN 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 17 CKT TIN 17 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CON, 12P, 0.1SP, RA, LOCKING 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,25 Contacts,PIN,0.1 Pitch,PC TAIL Terminal,POLARIZED LCK 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.1 Pitch,PC TAIL Terminal,POLARIZED LCK 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 28 CKT TIN 28 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 19 CKT TIN 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 10 CKT TIN 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 19 CKT GOLD 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 21 CKT GOLD KK 100 HDR FRLK RTAN 22 CKT GOLD Pin Header; Number of Contacts:4; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:7478; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Thru-Hole; Contact Plating:Tin; Mounting Type:Through Hole
|
Molex, Inc. MOLEX INC
|
43650-0813 43650-1214 43650-0410 43650-0414 43650- |
Header; No. of Contacts:8; Pitch Spacing:0.118"; No. of Rows:1; Series:Micro-Fit 3.0; Body Material:Liquid Crystal Polymer 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT MicroFit 3.0 SR RA SMT Nail 30Au 12Ckt 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 4POS R/A W/CLIP SMD 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT MicroFit 3.0 SR RA SMT Nail 30Au 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; Number of Contacts:10; Pitch Spacing:0.118"; Number of Rows:1; Series:Micro-Fit 3.0; Body Material:Liquid Crystal Polymer Multipole Connector; Gender:Male; No. of Contacts:10; Series:43650; Body Material:Polyester; Connecting Termination:Crimp; Mounting Type:Wire-to-wire; No. of Rows:2; Operating Voltage:250V; Pitch Spacing:3mm RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
|